PART |
Description |
Maker |
AN-6024 |
Understanding Analog Video Signal Clamps, Bias, DC-Restore, and AC or DC Coupling Methods
|
Fairchild Semiconductor
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
MCP9701T-E_TT MCP9700A-E_LT MCP9700A-E_TO MCP9700A |
ANALOG TEMP SENSOR-VOLTAGE, 6Cel, RECTANGULAR, SURFACE MOUNT Low-Power Linear Active Thermistor?/a> ICs Low-Power Linear Active Thermistor ICs Low-Power Linear Active Thermistor垄芒 ICs Low-Power Linear Active Thermistor?ICs
|
Microchip Technology
|
MAX6329 MAX6329WL MAX6349ZP MAX6329SH MAX6329SL MA |
1.8 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit 2.5 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6 Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 1.45-W Mono Class-D Audio Amplifier with 1.8V Compatible Shutdown Voltage (TPA2006) 8-SON -40 to 85 "150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
AK8448 |
6-Channel Linear Sensor compatible 10 Bit 40 MSPS x 3 Analog Pre-Processor
|
Asahi Kasei Microsystems
|
3D250-05S12 3D125-12D12 3D200-24S15 3D250-12S12 3D |
Analog IC 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 模拟IC
|
Electronic Theatre Controls, Inc. ITT, Corp.
|
TCD2502C-1 E007279 |
SPECIALTY ANALOG CIRCUIT, CDIP24 CCD LINEAR IMAGE SENSOR From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
A1386 A1386LUA-T |
5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
|
Allegro MicroSystems
|
A1381ELHLT-T A1381EUATI-T A1384ELHLT-T A1384EUATI- |
Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package 可编程线性霍尔与模拟输出的微型超薄表面贴装封装效应传感器
|
Allegro MicroSystems, Inc.
|
881-003R |
Threaded Coupling
|
Glenair, Inc.
|
881-001P |
Threaded Coupling
|
Glenair, Inc.
|